Part Number Hot Search : 
TSM231 2SB1535P DT70N6T ON2778 C847A 600TTS SMCJ10A V285ME10
Product Description
Full Text Search
 

To Download UMA5817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UMA5817, UMA5818, and UMA5819
SCOTTSDALE DIVISION
ULTRAMITETM SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
DESCRIPTION The UMA5817 thru UMA5819 UltraMiteTM series offers small efficient surface mount packaging with the same electrical features as the popular 1N5817, 1N5818, and 1N5819 Schottky rectifiers. It provides the same size footprint as other small surface mount DO-214AC or BA package options except with a much lower profile height. Its configuration in a "2010 MELF" style robust package design prevents lead damage to terminals and also minimizes parasitics by eliminating internal wire bonds and providing very short internal conduction paths.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW . Microsemi .C OM
UltraMiteTM
FEATURES
* * * * * * Plastic package has Underwriters Laboratory Flammability classification 94V-0 Metal to silicon rectifier, majority carrier conduction High current capability, low VF Built-in stress relief with similar COE as PC boards Optional Lead-Free design/finish (UMAF5817-19) Options for screening in accordance with MIL-PRF19500/586 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers. For example, designate a MXUMAJ5819 for a JANTX screen. * *
APPLICATIONS / BENEFITS
For surface mount applications For use in low-voltage high-frequency switching power supplies, inverters, free wheeling, and polarity protection applications Low power loss, High efficiency Low inductive parasitics for minimal Ldi/dt effects Fits same small PCB footprints as popular "SMAJxxx" or "SMBJxxx" Schottky devices in JEDEC outlines DO-214AC (or BA) and DO-214AA respectively except with much lower height profile Robust 2010 MELF style package configuration for pick-and-place handling
* * *
*
MAXIMUM RATINGS
* * *
MECHANICAL AND PACKAGING
* * FRP substrate material and epoxy under-fill package meeting UL94V-0 Terminals solder plated (solderable per MIL-STD750, Method 2026) Body marked with 5817, 5818, or 5819 Cathode designated with band Weight: 0.020 grams Tape & Reel packaging per EIA-481-2 with 12 mm tape and 3000 units/reel (7 inch reel) or 10,000 units/reel (13 inch reel) See package dimensions on last page
* *
Operating junction and storage temperature range (TJ and TSTG): -50 oC to +125oC Forward average rectified current (IO) @TC=75oC: 1.0 Amp Forward surge current (IFSM) 8.3 ms single half-sine waveform superimposed on rated load (JEDEC Method): 25 Amps Typical thermal resistance (RJL): 50 oC/W Typical junction capacitance (CJ) at 1.0 MHz and VR of 5.0 Volts: 65 pF for UMA5817, and 46 pF for UMA5818 and UMA5819
Solder temperatures: 260 C for 10 s (maximum)
* * * * *
*
ELECTRICAL CHARACTERISTICS @ 25oC
Working Peak Reverse Voltage VRWM Volts 20 30 40 Maximum RMS Voltage; VRMS Volts 14 21 28 Maximum Peak Repetitive Voltage; VRRM Volts 20 30 40
unless specified otherwise
UMA5817 thru thru UMA5819 UMA5819
Part Number UMA5817 UMA5818 UMA5819
Copyright 2002 10-16-03 REV B
Maximum Forward Voltage at 1.0A (note 1) VF Volts 0.45 0.55 0.60
Maximum Forward Voltage at 3.0A (note 1) VF Volts 0.75 0.875 0.90
Maximum dc reverse current @ VRWM IR mA 0.5 0.5 0.5
Maximum dc reverse current @ o VRWM ,100 C IR mA 10 10 10
NOTES: (1) Pulse test with PW=300 sec, 1% duty cycle.
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
UMA5817, UMA5818, and UMA5819
SCOTTSDALE DIVISION
ULTRAMITETM SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
WWW . Microsemi .C OM
GRAPHS
UMA5818 UMA5817 UMA5819
TJ = 25 C
o
UMA5817 thru thru UMA5819 UMA5819
Copyright 2002 10-16-03 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
UMA5817, UMA5818, and UMA5819
SCOTTSDALE DIVISION
ULTRAMITETM SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
WWW . Microsemi .C OM
UMA5817
UMA5818 UMA5819
PACKAGE DIMENSIONS & PAD LAYOUT PAD LAYOUT
DIM A B C D E F INCHES MAX MIN .173 .181 .083 .091 .033 .045 .033 .045 .002 .002 .020 .020 MAX 4.40 2.10 .85 .85 .05 .50 MM MAX 4.60 2.30 1.15 1.15 .05 .50 A B C PAD di
INCHES .245 .075 .103
mm 6.22 1.90 2.62
UMA5817 thru UMA5819
Copyright 2002 10-16-03 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3


▲Up To Search▲   

 
Price & Availability of UMA5817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X